Part Number Hot Search : 
FDS6680A 2SC39 LDGM3633 TCF70RN ADUM1 91139 A1121 61CNQ035
Product Description
Full Text Search
 

To Download CGRC501-G12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d g e n e r a l p u r p o s e r e c t i f i e r s glass passivated t ype reverse v oltage: 50 to 1000 v olts forward current: 5.0 amp rohs device page 1 rev :a features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -built in strain relief. -low forward voltage drop. mechanical data -case: jedec do-214ab, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.21 grams cgrc501-g thru. cgrc507-g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bg006 2 no tes : 1. th erm al r esi sta nce fro m jun ctio n t o t erm ina l m oun ted on p .c. b. wit h 5 .0 5.0 m m squ are (0 .13 mm th ick ) la nd are a. comchip t echnology co., l td. maximum ratings and electrical characteristics cgrc 501-g max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward at 5.0a o max. dc reverse current at t a =25 c o rated dc blocking voltage t a =125 c max. thermal resistance (note 1) max. operating junction temperature storage temperature voltage cgrc 502-g cgrc 503-g cgrc 504-g cgrc 505-g units symbol parameter v rrm v dc v rms i fsm i o v f i r r ja t j t stg 50 50 35 100 100 70 200 200 140 400 400 280 100 5.0 1.15 10 250 50 150 -55 to +150 600 600 420 v v v a a v a o c/w o c o c cgrc 506-g cgrc 507-g 800 800 560 1000 1000 700 d o - 2 1 4 a b ( s m c ) 0.245(6.22) 0.220(5.59) 0.124(3.15) 0.108(2.75) 0.320(8.13) 0.305(7.75) 0.012(0.31) 0.006(0.15) 0.008(0.20) 0.004(0.10) 0.050(1.27) 0.030(0.76) 0.103(2.62) 0.079(2.00) 0.280(7.1 1) 0.260(6.60)
qw -bg006 ra ting and characteristic cur ves (cgrc501-g thru cgrc507-g) percent of rated peak reverse v oltage (%) 120 80 0 fig.1 reverse characteristics 0.1 10 100 1000 r e v e r e u r r n ( ) s c e t a forward v oltage (v) 0 fig.2 forward characteristics 0.01 o w r d c r r e n ( a ) f r a u t 0.1 1 10 o ambient t emperature ( c) fig.4 current derating curve 0 a v e r a g e f o r w a r d c u r r e n t ( a ) 3.0 4.0 7.0 comchip t echnology co., l td. page 2 rev :a 0.4 0.8 2.0 1.2 0 25 175 1.0 6.0 200 2.0 s m d g e n e r a l p u r p o s e r e c t i f i e r s 40 160 1 1.6 50 75 100 125 150 5.0 single phase, half wave 60hz, resistive or inductive load number of cycles at 60hz 1 fig.3 non-repetitive forward surge current 0 p a f o r a d u r g c u r e t ) e k w r s e r n ( a 60 120 10 100 20 40 100 80 o t j =125 c o t j =25 c o t j =25 c pulse width 300 s 4% duty cycle o t j =25 c 8.3ms single half sine wave, jedec method


▲Up To Search▲   

 
Price & Availability of CGRC501-G12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X